Part Number Hot Search : 
GAANU SF1218D AS1528 MC68B21S D1222UK AMDL190G LA38B R3003
Product Description
Full Text Search
 

To Download MLP7100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  control devices: mlp 7100 series limiter diodes description the micrometrics mlp 7100 series limiter diodes are specially processed pin diodes with a thin intrinsic region designed for use in passive or active limiters over the entire range of fre- quencies from 100 mhz to beyond 20 ghz. the different ??region thick- nesses and capacitances provide vari- able threshold and leakage power lev- els and power handling capability. applications the mlp 7100 series limiters are for use in waveguides, coax, microstrip or stripline. single or cascade devices may be used depending on power levels. r s r s r s 2 50 50 coil for ground return high power equivalent circuit 2 34 features low loss greater bandwidth fast turn on time packaging chip, glass, ceramic, surface mount typical performance 50 50 diode chip +50 +40 +30 peak power output (dbm) peak power input (dbm) +20 +10 0 +10 +20 +30 +40 +50 +60 +66 mlp7130 mlp7110 mlp7140 MLP7100 mlp7120 50 0 +3 +6 2 4 6 8 10 12 14 16 18 +8 50 diode chip mlp 7100 series mlp 7100-7140 series frequency (ghz) leakage power above 1.0 ghz (db) control devices micrometrics, inc. 136 harvey road, building c, londonderry, nh 03053 voice: 603-641-3800, fax: 603-641-3500, internet: www.micrometrics.com, e-mail: serv@micrometrics.com
control devices: mlp 7100 series electrical characteristics 35 maximum ratings operating temperature -55? to +150? maximum leakage current 0.5 ma at 88% of minimum rated breakdown max. peak leakage 2 p in typical p out insertion loss 3 cw 4 recovery 5 @1.0 m s threshold 2 typ typ pin time, typ part (dbm) (db) (dbm) (db) max (w) (ns) number +50 +10 +22 0.1 21 0 MLP7100 +53 +10 +24 0.2 31 0 mlp7101 +56 +10 +25 0.2 41 0 mlp7102 +53 +15 +27 0.1 32 0 mlp7110 +56 +15 +29 0.2 42 0 mlp7111 +59 +15 +31 0.2 52 0 mlp7112 +60 +20 +39 0.1 55 0 mlp7120 +63 +20 +41 0.2 10 50 mlp7121 +66 +20 +44 0.2 15 50 mlp7122 +47 +7 +19 0.1 2 5 mlp7130 +50 +7 +22 0.1 3 5 mlp7131 +47 +12 +24 0.1 3 10 mlp7140 +50 +12 +27 0.1 4 10 mlp7141 v b c j0 c j6 r s typ 6 r s typ 6 t l q p 1 maximum typ typ max @ 10 ma @ 10 ma typ typ thermal resistance part (v) (pf) (pf) ( )( ) (ns) (?/w) (?/w) number 20-45 0.20 0.15 1.5 5.0 5 20 100 MLP7100 - 0.50 0.30 1.2 4.5 10 12 80 mlp7101 - 0.70 0.50 1.0 4.0 10 10 55 mlp7102 45-75 0.20 0.15 1.5 4.0 10 15 80 mlp7110 - 0.50 0.30 1.2 3.5 15 10 60 mlp7111 - 0.70 0.50 1.0 3.0 20 6 40 mlp7112 120-180 0.20 0.15 1.5 3.5 50 1.2 40 mlp7120 - 0.60 0.30 1.0 3.0 50 0.5 20 mlp7121 - 0.80 0.50 0.5 3.0 100 0.3 15 mlp7122 15-30 0.12 0.10 2.0 4.0 530 12 0 mlp7130 - 0.20 0.15 1.5 3.0 520 8 0 mlp7131 30-60 0.12 0.10 2.0 4.0 720 10 0 mlp7140 - 0.20 0.15 1.5 4.0 715 7 0 mlp7141 control devices micrometrics, inc. 136 harvey road, building c, londonderry, nh 03053 voice: 603-641-3800, fax: 603-641-3500, internet: www.micrometrics.com, e-mail: serv@micrometrics.com notes: 1. pulsed thermal impedance is given for a 1 ? pulse. cw thermal impedance presumes infinite heat sink. 2. threshold input power produces 1 db increase in insertion loss. figure shows typical leakage power curves. data taken for 1.0 ghz. 3. chip loss can be represented as a resistance in shunt with the junction capacitance. r p is measured at 3 ghz, zero bias. loss data shown are for 10 ghz for 0.15 and 0.30 pf chips, 5 ghz for 0.50 pf chips. loss is measured at -10 dbm input. 4. note that cw power and average power are not synonymous. power ratings are computed in terms of a peak junction temperature of 200?, for short pulses, an average junction temperature of 125?, and an ambient of 25?. duty factor 0.001 assumed for maximum pulse power input. figure shows power derating with temperature. 5. recovery time is measured with ground return (less than 1.0 ohm) to 1 db excess loss, at 1 ghz. 6. series resistance is measured at 500 mhz. 7. limiter diodes with higher capacitance and/or higher breakdown voltage for very high power applications are available on request.


▲Up To Search▲   

 
Price & Availability of MLP7100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X